PART |
Description |
Maker |
F1T7G F1T1G F1T2G F1T3G F1T4G F1T5G F1T6G |
Rectifier: Fast 1.0 AMP. Glass Passivated Fast Recovery Rectifiers
|
TSC[Taiwan Semiconductor Company, Ltd]
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
LTC3709EG LTC3709EGTR LTC3709EUHPBF LTC3709-15 |
Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, PDSO36 Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD841SH_883B AD841SQ_883B AD841SE AD841JH AD841JN |
Wideband, Unity-Gain Stable,Fast Settling Op Amp(宽带,固定单位增益,快速运 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp
|
Analog Devices, Inc. AD[Analog Devices]
|
74F04 74F04_00 74F04PC 74F04SC 74F04SJ 74F04SCX 74 |
Hex Inverter; Package: SOIC; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
X9119TV14-2.7T1 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL CORP
|
LTC3823IGN LTC3823IGNPBF LTC3823EUHPBF LTC3823EGNP |
Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL Fast No Rsense Step-Down Synchronous Controller with Differential Output Sensing, Tracking and PLL; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 4 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO28 Fast No Rsense Step-Down Synchronous Controller with Differential Output Sensing, Tracking and PLL; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
1N5811 1N5811US 1N5807-1 JANTX1N5811 JAN1N5809 1N5 |
Low Power, Two-Port, Hi-Speed USB2.0 (480Mbps) Switch; ; No of Pins: 10; Container: Tape & Reel ULTRA FAST RECTIFIERS UltraFastRectifiers
UltraFastRectifier(lessthan100ns)
ULTRA FAST RECTIFIERS
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
LTC3708EUHTRPBF |
Fast 2-Phase, No RSENSE Buck Controller with Output Tracking; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, PQCC32
|
Linear Technology, Corp.
|